PART |
Description |
Maker |
M3488Q1 1424 M3488B1 |
256 X 256 DIFGITAL SWITCHING MATRIX From old datasheet system 256 X 256 DIFGITAL SWITCHING MATRIX
|
ST Microelectronics STMicroelectronics
|
M3488B1 M3488 M3488Q1 |
256 x 256 DIGITAL SWITCHING MATRIX
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IDT72V70190 IDT72V70190TF IDT72V70190PF |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 TSI-TDM Switches
|
IDT[Integrated Device Technology]
|
AT93C56AY1-10YU-1.8 AT93C56AY6-10YH-1.8 AT93C56A-1 |
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
|
ATMEL Corporation
|
MT89L85 |
256 x 256 Channels (8 TDM Streams at 2.048 Mbps) 3.3 V Non-blocking Enhance Digital Switch (EDX) with Constant Delay Mode
|
Zarlink Semiconductor
|
LH5420-P-35 LH5420-P-30 LH5420-P-25 |
256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出
|
Sharp Corporation Sharp, Corp.
|
LH543601M-20 LH543601M-25 LH543601M-30 LH543601P-2 |
256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出
|
Sharp Corporation Sharp, Corp.
|
M48T39YPM M48T39Y M48T39Y-100PM1 M48T39Y-150PM1 |
256 Kb 32K x8 TIMEKEEPER SRAM DIODE ZENER SINGLE 500mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOD-123 3K/REEL 256 KB2K的x8 SRAM的计时器
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
MAX5450 MAX5450EUB MAX5450-MAX5455 MAX5451 MAX5451 |
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers DUAL 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 256 POSITIONS, PDSO14 "Dual, 256- Tap, Up/Down Interface Digital Potentiometers" Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT5261WI-00-T1 CAT5261WI-50-T1 CAT5261YI-00-T2 |
DPP, NV, Dual 256 taps, SPI DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Rectron Semiconductor
|
AD5259BCPZ50-R7 AD5259BRMZ50-R7 AD5259BRMZ5-R7 AD5 |
18 Bit, 1.25MSPS Single Channel Delta-Sigma ADC Single with FIFO 64-HTQFP -40 to 105 5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, DSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, DSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, DSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, DSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10
|
Analog Devices, Inc.
|